Part Number Hot Search : 
11DQ06 SL74HC20 SB1080F SMDJ36A UTR60 1N4555B TA8303 T60013
Product Description
Full Text Search
 

To Download MO-1422-15-18 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 MO-1422 Miniature Reed Switch Form A, Off-Center Contact, 15W
All dimensions in mm This off centre contact form A reed switch is designed for magnet applications. Measurements are always taken with the contact overlap portion centred to the length of the test coil, with the width of all blades in a batch of switches, facing one way, for better in-group measurement accuracy. This reed switch is Lead (Pb) free and RoHS compliant. Formations Available
Cropped
SMD
Welded
Soldered
Goal post
L Formed
Applications This reed switch is suitable for use in the following applications and many others: automobile seatbelt sensors, rowing electronics, ferrous metal detection sensors, gear speed and direction sensors... Electrical Sub code Operate Range Release Range Contact Rating (max) Switching Current (max) Carry Current (max) Switching Voltage (max) Switching Voltage (max) Breakdown Voltage Initial Contact Resistance (max) Insulation Resistance (min) Capacitance (min) Miscellaneous Operate Time (max) Bounce Time (max) Release Time (max) Resonance Frequency Operating Frequency Operating Temperature Test Coil Lead out plating Shock Resistance Vibration (10-2000Hz)
AT AT W/ VA A A VDC VAC VDC m pF
15 - 50 5 - 35 15.0 0.5 1.0 150 125 200 150 10 11 0.2
ms ms ms Hz Hz C
g g
1.5 0.8 0.15 >2000 500 -40 to +200 717 102 002 Sn (Pb free) 50 20
Ordering Code MO-1422-(Start Operate AT)-(Finish Operate AT) Example MO-1422-15-18 Denotes 15-18 Operate AT band. Other Configurations Available Dynamic contact resistance limit, Higher insulation resistance, Special release limits, Gold plates leads
Please refer to our reed switch usage notes
Due to continual improvement, specifications are subject to change without notice
www.reed-sensor.com
10 May 2008 Reed Relays and Electronics India Limited info@reed-switch.com Tel 91-44-6528-4022


▲Up To Search▲   

 
Price & Availability of MO-1422-15-18

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X